Part Number Hot Search : 
BA10TFP MZ55B43 15WBS SKY77605 UM82C450 AT209SG LM1301 16100
Product Description
Full Text Search
 

To Download SUR12060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUR12060
Ultra Fast Recovery Epitaxial Diodes
Dimensions TO-247AC A C(TAB) C A C
Dim. A B C D E F G H J K L M N
Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49
Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
A=Anode, C=Cathode, TAB=Cathode VRSM V 600 VRRM V 600
SUR12060
Symbol IFRMS IFAVM IFRM
Test Conditions TVJ=TVJM TC=70oC; rectangular, d=0.5 tp<10us; rep. rating, pulse width limited by TVJM TVJ=45oC t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine
Maximum Ratings 100 120 tbd 600 660 540 600 1800 1800 1450 1500 -40...+150 150 -40...+150
Unit A
IFSM
TVJ=150oC TVJ=45oC
A
I2t
TVJ=150oC
A2s
TVJ TVJM Tstg Ptot Md Weight TC=25oC Mounting torque
o
C
357 0.8...1.2 6
W Nm g
SUR12060
Ultra Fast Recovery Epitaxial Diodes
Symbol
Test Conditions TVJ=25oC; VR=VRRM TVJ=25oC; VR=0.8.VRRM TVJ=125oC; VR=0.8.VRRM IF=70A; TVJ=150oC TVJ=25oC For power-loss calculations only TVJ=TVJM
Characteristic Values typ. max. 3 0.75 20 1.12 1.3 0.85 3.5 0.35 0.25 35
Unit
IR
mA V V m K/W
VF VTO rT RthJC RthCK RthJA trr IRM
IF=1A; -di/dt=200A/us; VR=30V; TVJ=25oC _ VR=350V; IF=80A; -diF/dt=200A/us; L<0.05uH; TVJ=100 C
o
35 17
50 21
ns A
FEATURES
* International standard package JEDEC TO-247AC * Planar passivatd chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating and melting * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses * Operating at lower temperature or space saving by reduced cooling
SUR12060
Ultra Fast Recovery Epitaxial Diodes
150 A 125 IF Qr 100
T V J =150C
7 T = 100C C VJ V = 300V 6R 5 4 3 2
T VJ =25C IF =140A IF = 70A IF = 35A
80 A T V J = 100C 70 V R = 300V IR M 60 50 40
IF =140A IF = 70A IF = 35A
75 50 25 0 0.0
T V J =100C
30 20 10 A/ s 1000 -diF /dt 0 0 200 400 600 A/ s 1000 800 -diF /dt
1 0 100
0.5
1.0 V VF
1.5
F ig. 1 F orward current I F versus V F
F ig. 2 R everse recovery charge Q r versus -diF /dt
240 ns 220 trr 200
T V J = 100C V R = 300V
F ig. 3 P eak reverse current I R M versus -diF /dt
60 V 50 V FR 40
tfr V FR T V J = 100C IF = 100A
1.4
3.0 s 2.5 tfr 2.0 1.5 1.0 0.5
1.2 Kf 1.0
Qr
0.8
IR M
180 160
I F =140A I F = 70A I F = 35A
30 20 10
0.6
140 0.4 0 50 100 T VJ C 150 0 200 400 600 A/ s 1000 800 -diF /dt 0 0 200 400 600 800 diF /dt 0.0 1000 A/ s
F ig. 4 Dynamic parameters Q r, I R M versus T VJ
1 K/W
F ig. 5 R ecovery time trr versus -diF /dt
F ig. 6 P eak forward voltage V F R and tfr versus diF /dt
D=0.7 0.5
Z thJC 0.1
0.3 0.2 0.01 0.05 S ingle P ulse
0.01 0.001
DS E I 120-06
0.01
0.1
1s
t
10
F ig. 7 T ransient thermal resistance junction to case at various duty cycles


▲Up To Search▲   

 
Price & Availability of SUR12060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X